|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Powered by XTV12950 12V 95Ah Specification Cells Per Unit Voltage Per Unit Capacity Weight Maximum Discharge Current Internal Resistance Operating Temperature Range XTV 12950 is a general battery up to 12 years expected life in standby service or more than 400 cycles at 100% discharge in cycle service . XTV has a wider operating temperature range, which makes them more suitable for the systems in harsh conditions. 6 12 95 A h @ 10hr-rate to 1.80 V per cell @25 (77 ) Approx. 32.8 kg(72.31 lbs) 800A(5sec) Approx. 6.5m Discharge: -20 ~50 (-4 ~122 ) (-4 ~122 ) Charge: -20 ~50 (5 ~104 ) Storage: -15 ~40 3 (77 5) Nominal Operating Temperature Range 25 13.5 to 13.8 VDC/unit Average at 25 (77 ) Float Charging Voltage Recommended Maximum Charging 28.5A Current Limit 14.4 to 15.0 VDC/unit Average at 25 (77 ) Equalization and Cycle Service Self Discharge CSB Batteries can be stored for more than 6 months at 25 (77 ). Please charge batteries before using. For higher temperatures the time interval will be shorter. Terminal I2-Thread lead alloy recessed terminal to accept M6 bolt PP (UL 94-V0/File E50955)*Flammability resistance Container Material of (UL 94-HB/File E216959) can be available upon request. CSB-manufactured VRLA batteries are ULrecognized components under UL924 and UL1989. CSB is also certified by ISO 9001 and ISO 14001. Dimensions : Unit: mm (inch) Overall Height (H) 216.42 (8.520.08) Container height (h) 213.92 (8.420.08) Length (L) 3432.5 (13.500.1) Width (W) 1702 (6.690.08) M6&M8 M6&M8 Constant Current Discharge Characteristics F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.85V 5MIN 361 319 298 264 240 198 10MIN 250 233 223 206 186 166 15MIN 191 182 177 169 156 136 30MIN 116 114 112 107 101 92.4 1HR 69.2 67.8 67.0 65.1 62.7 58.5 2HR 41.1 40.2 39.9 38.7 37.0 34.7 3HR 28.3 28.0 27.6 26.9 26.4 25.0 4HR 21.6 21.5 21.4 21.0 20.7 19.5 Unit:A (25 5HR 17.9 17.7 17.6 17.4 17.0 16.3 ,77 8HR 11.9 11.8 11.7 11.6 11.4 11.0 ) 10HR 10.0 9.79 9.72 9.59 9.50 9.05 20HR 5.18 5.15 5.13 5.07 4.98 4.79 Constant Power Discharge Characteristics F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.85V 5MIN 3,383 3,128 3,021 2,833 2,496 2,124 10MIN 2,525 2,400 2,330 2,186 2,029 1,804 15MIN 2,032 1,972 1,950 1,829 1,675 1,476 30MIN 1,258 1,244 1,232 1,193 1,137 1,056 1HR 768 757 755 739 713 672 2HR 457 451 448 437 419 398 3HR 324 321 318 310 304 289 254 250 249 245 238 226 Unit:W (25 5HR 209 207 206 204 198 189 ,77 8HR 140 139 138 136 134 129 ) 10HR 117 116 115 114 113 108 20HR 60.7 60.0 59.7 59.4 58.5 56.8 4HR Ratings are preliminary and subject to change. RS: 0902 XTV 12950 12V 95Ah 140 120 100 80 60 40 20 0.20 0.17 0.14 0.11 0.08 0.05 0.02 2.60 2.40 2.20 2.00 1.80 1.60 13.65V 1.40 (2.275V/Cell) )Ratio 0 4 8 12 16 20 24 140 120 100 80 60 40 20 0.20 0.17 0.14 0.11 0.08 0.05 0.02 2.60 2.40 2.20 2.00 1.80 1.60 1.40 )Ratio 68 0 4 8 12 16 20 24 Application Cycle Use Standby Charge Voltage(V/Cell) Temperature 25 (77 ) 25 (77 ) Set Point 2.45 2.275 Allowable Range 2.40~2.50 2.25~2.30 Max.Charge Current 0.3C Final Discharge Voltage V/Cell Discharge Current(A) 1.75 0.2C>(A) 1.70 0.2C<(A)<0.5C 1.60 0.5C<(A)<1.0C 1.30 (A)>1.0C GLOBAL HQ CSB BATTERY CO., LTD. (TAIWAN) Tel : +886-2-2555-5600 Fax : +886-2-2555-3300 mail : service@csb-battery.com.tw BEIJING OFFICE. (CHINA) CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD. Tel : +86-10-59621300/1301/1302/1303 Fax : +86-10-59621304 mail : chinasls@csb-battery.com AMERICA HQ CSB BATTERY TECHNOLOGIES INC. (U.S.A) Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872) Fax : +1-817-244-4445 mail : csb@csb-battery.com SHANGHAI OFFICE. (CHINA) CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD. Tel : +86-21-5046-1622/5046-0833 Fax : +86-21-5064-3314 mail : chinasls@csb-battery.com EUROPE HQ CSB Battery Europe BV. Tel : +31(0)-180-418-140 Fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu SHENZHEN OFFICE.( CHINA ) CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD. Tel : +86-755-8831-6488/6396/6356 Fax : +86-755-8831-6548 mail : she@csb-battery.com.cn |
Price & Availability of XTV12950 |